Part Number Hot Search : 
00030 F4812S HVC350B 5230B 68EBGP SFT815 T88SC 38020
Product Description
Full Text Search
 

To Download G656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.4 apr 10, 2012 tel: 886-3-5788833 http://www.gmt.com.tw 1 G656/g657 global mixed-mode technology microprocessor reset ic features ? precision monitoring voltage of +2.2v and +3.7v ? fully specified over temperature ? available in three output configurations push-pull reset output (G656l) push-pull reset output (G656h) open-drain reset output (g657l) ? reset deassert time smaller than 100 s when v cc higher than monitor voltages (cd pin float- ing) ? externally programmable time delay generator ? 27 a supply current at v cc =3.3v ? guaranteed reset valid to v cc = 0.8v ? tsot-23-5 packages ? 2% threshold accuracy applications ? computers ? controllers ? intelligent instruments ? critical p and c power monitoring ? portable / battery-powered equipment ? automotive general description the G656/g657 are microprocessor ( p) supervisory circuits used to monitor the power supplies in p and digital systems. they provide excellent circuit reliability and low cost. these circuits perform a single function: they assert a reset signal whenever the v cc supply voltage declines below a preset threshold, with hysteresis keeping it asserted for time delay determined by externally pro- grammable time delay generator after v cc has risen above the reset threshold. the g657l has an open-drain output stage, while the G656 have push-pull outputs. the g657l ? s open-drain reset output requires a pull-up resistor that can be connected to a voltage higher than v cc . the G656l has an active-low reset output, while the G656h has an active-high reset output. the outputs are guaranteed to be in the correct logic state for v cc down to 0.8v. the G656/g657 are available in 5-pin tsot-23-5 package. pin configuration typical application circuit tsot-23-5 reset (reset) vcc 5 1 2 nc 4 3 gnd cd ()is for G656h *g657 only reset input gnd p vcc reset (reset) gnd G656/g657 vcc cd v cc c d r pull-up * G656/g657 icc may increased at high t a , therefore, can not connect resistors to vcc to prevent icc abnormal behavior at high t a . tsot-23-5 reset (reset) vcc 5 1 2 nc 4 3 gnd cd ()is for G656h *g657 only reset input gnd p vcc reset (reset) gnd G656/g657 vcc cd v cc c d r pull-up * G656/g657 icc may increased at high t a , therefore, can not connect resistors to vcc to prevent icc abnormal behavior at high t a .


▲Up To Search▲   

 
Price & Availability of G656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X